Part Number Hot Search : 
T92T163N 1354A MA2YD 1A101 AT76C402 MAX48 ISL3180E CSB1436R
Product Description
Full Text Search
 

To Download BC847S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Transistors
NPN Multi-Chip General Purpose Amplifier KC847S(BC847S)
SOT-363
1.3
+0.1 -0.1
Unit: mm
Features
High current gain Low collector-emitter saturation voltage
0.65
0.525
0.36
0.1max
+0.1 0.3-0.1 +0.1 2.1-0.1
+0.05 0.1-0.02
1 E1 2 B1 3 C2
4 E2 5 B2 6 C1
Absolute Maximum Ratings Ta = 25
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Total Device Dissipation Derate above 25 Thermal Resistance, Junction to Ambient Operating and Storage Junction Temperature Range R
JA
Symbol VCBO VCEO VEBO IC PD
Rating 50 45 6.0 100 300 2.4 415 -55 to +150
Unit V V V mA mW mW/ /W
TJ, Tstg
Electrical Characteristics Ta = 25
Parameter Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Cutoff Current DC Current Gain Collector-Emitter Saturation Voltage Symbol VCBO VCEO VEBO ICBO hFE VCE(sat) IC = 10 Testconditons A, IE = 0 Min 50 45 6.0 15 5.0 110 630 0.25 0.65 0.58 0.7 0.77 2.0 200 V V V V pF MHz Typ Max Unit V V V nA A
IC = 10 mA, IB = 0 IE = 10 A, IC = 0
VCB = 30 V, IE = 0 VCB = 30 V, IE = 0, TA = 150 IC = 2.0 mA, VCE = 5.0 V IC = 10 mA, IB = 0.5 mA IC = 100 mA, IB = 5.0 mA
Base-Emitter ON Voltage Output Capacitance Transistion frequency
VBE(on) Cob fT
IC = 2.0 mA, VCE = 5.0 V IC = 10 mA, VCE = 5.0 V VCB = 10 V, f = 1.0 MHz IC = 20 mA, VCE = 5.0,f = 100 mHz
Marking
Marking 1C
+0.05 0.95-0.05
+0.1 1.25-0.1
+0.15 2.3-0.15
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of BC847S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X